Part Number Hot Search : 
LT1009MH 01100 29GL128 1N5395 NJM2866F 30301 F10U20DN MRF6P
Product Description
Full Text Search
 

To Download SSM3J01T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SSM3J01T 2002-01-16 1 toshiba field effect transistor silicon p channel mos type SSM3J01T power management switch high speed switching applications ? small package ? low on resistance : r on = 0.4 ? (max) (@v gs = ? 4 v) : r on = 0.6 ? (max) (@v gs = ? 2.5 v) ? low gate threshold voltage maximum ratings (ta = = = = 25c) ? ? ? ? characteristic symbol rating unit drain-source voltage v ds ? 30 v gate-source voltage v gss 10 v dc i d ? 1.7 drain current pulse i dp (note2) ? 3.4 a drain power dissipation (ta = 25 c) p d (note1) 1250 mw channel temperature t ch 150 c storage temperature range t stg ? 55~150 c note 1: mounted on fr4 board (25.4 mm 25.4 mm 1.6 t, cu pad: 645 mm 2 , t = 10 s) note 2: the pulse width limited by max channel temperature. handling precaution when handling individual devices (which are not yet mounted on a circuit board), be sure that the environment is protected against electrostatic electricity. operators should wear anti-static clothing, and containers and other objects that come into direct contact with devices should be made of anti-static materials. the channel-to-ambient thermal resistance r th (ch-a) and the drain power dissipation p d vary according to the board material, board area, board thickness and pad area, and are also affected by the environment in which the product is used. when using this device, please take heat dissipation fully into account. marking equivalent circuit unit: mm ? jedec D jeita D toshiba 2-3s1a weight: 10 mg (typ.) 3 1 2 d e 3 1 2
SSM3J01T 2002-01-16 2 electrical characteristics (ta = = = = 25c) characteristic symbol test condition min typ. max unit gate leakage current i gss v gs = 10 v, v ds = 0 ? ? 1 a drain-source breakdown voltage v (br) dss i d = ? 1 ma, v gs = 0 ? 30 ? ? v drain cut-off current i dss v ds = ? 30 v, v gs = 0 ? ? ? 1 a gate threshold voltage v th v ds = ? 3 v, i d = ? 0.1 ma ? 0.6 ? ? 1.1 v forward transfer admittance |y fs | v ds = ? 3 v, i d = ? 0.85 a (note3) 1.2 2.3 ? s drain-source on resistance r ds (on) i d = ? 0.85 a, v gs = ? 4 v (note3) ? 0.3 0.4 ? drain-source on resistance r ds (on) i d = ? 0.85 a, v gs = ? 2.5 v (note3) ? 0.4 0.6 ? input capacitance c iss v ds = ? 10 v, v gs = 0, f = 1 mhz ? 240 ? pf reverse transfer capacitance c rss v ds = ? 10 v, v gs = 0, f = 1 mhz ? 24 ? pf output capacitance c oss v ds = ? 10 v, v gs = 0, f = 1 mhz ? 94 ? pf turn-on time t on ? 36 ? switching time turn-off time t off v dd = ? 15 v, i d = ? 0.3 a v gs = 0~ ? 2.5 v, r g = 4.7 ? ? 37 ? ns note3: pulse test switching time test circuit precaution v th can be expressed as voltage between gate and source when low operating current value is i d = ? 1 00 a for this product. for normal switching operation, v gs (on) requires higher voltage than v th and v gs (off) requires lower voltage than v th . (relationship can be established as follows: v gs (off) < v th < v gs (on) ) please take this into consideration for using the device. v gs recommended voltage of ? 2.5 v or higher to turn on this product. t on t off 0 v ? 2.5 v v dd v ds (on) t r t f 10% 90% 90% 10% (b) v in v gs (c) v out v ds v dd = ? 15 v r g = 4.7 ? d.u. < = 1% v in : t r , t f < 5 ns common source ta = 25c 0 ? 2.5 v in out v dd 10 s r g (a) test circuit
SSM3J01T 2002-01-16 3 i d ? v ds i d ? v gs r ds (on) ? i d r ds (on) ? ta c ? v ds ? 25c ? 10000 ? 0.01 0 common source v ds = ? 3 v ? 100 ? 1000 ? 1 ? 10 ? 0.1 ? 1.5 ? 2 ? 0.5 ? 1 ? 2.5 ? 3 ta = 100c 25c 0 1 0.2 0.4 0.8 0.6 common source ta = 25c 0 ? 0.5 ? 1 ? 1.5 ? 2 v gs = ? 2.5 v ? 4 v common source i d = ? 0.85 a 0 150 100 50 v gs = ? 2.5 v ? 4 v 0 1 0.2 0.4 0.8 0.6 10 ? 0.1 1000 100 ? 100 ? 10 common source v gs = 0 f = 1 mhz ta = 25c 1 ? 1 c rss c oss c iss 0 0 common source ta = 25c ? 1.6 v v gs = ? 1.4 v ? 2 ? 1.8 ? 1.6 ? 0.5 ? 1 ? 1.5 ? 2 ? 4 v ? 1.8 v ? 2.0 v ? 2.2 v ? 2.5 v ? 0.6 ? 0.4 ? 0.2 ? 1.2 ? 1.0 ? 0.8 ? 1.4 |y fs | ? i d 0.01 ? 0.001 1 0.1 ? 10 ? 0.1 ? 1 ? 0.01 10 100 common source v ds = ? 3 v ta = 25c drain-source on resistance rds (on) ( ? ) drain current i d (a) drain current i d (ma) drain-source on resistance r ds (on) ( ? ) drain-source voltage v ds (v) gate-source voltage v gs (v) drain current i d (a) ambient temperature ta (c) forward transfer admittance |y fs | (s) drain current i d (a) capacitance c (pf) drain-source voltage v ds (v)
SSM3J01T 2002-01-16 4 t ? i d p d ? ta 10 ? 0.001 common source v dd = ? 15 v v gs = 0~ ? 2.5 v r g = 4.7 ? ta = 25c 10000 t r t on t f t off 1000 ? 0.01 ? 1 100 ? 01 1.5 0 0 mounted on fr4 board (25.4 mm 25.4 mm 1.6 t, cu pad: 645 mm 2  t = 10 s dc 1 0.75 25 50 75 125 150 1.25 0.5 0.25 100 ? 0.01 ? 0.1 ? 10 ? 1 ? 1 ? 100 ? 0.1 ? 0.001 ? 10 mounted on fr4 board (25.4 mm 25.4 mm 1.6 t, cu pad: 645 mm 2 ) dc operation i d max (pulsed) i d max ( continuous ) 10 ms * 1 ms * 10 s * ta = 25 c * : single nonrepetitive pulse ta = 25c curves must be derated linearly with increase in temperature. v dss max switching time t (ns) drain power dissipation p d (w) drain current i d (a) drain current i d (a) ambient temperature ta (c) safe operating area pulse width tw (s) transient thermal impedance r th (c /w) r th ? tw 1 0.001 single pulse mounted on fr4 board (25.4 mm 25.4 mm 1.6 t, cu pad: 645 mm 2 ) 1000 0.01 0.1 1 10 100 10 100 1000 drain-source voltage v ds (v)
SSM3J01T 2002-01-16 5 ? toshiba is continually working to improve the quality and reliability of its products. nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. it is the responsibility of the buyer, when utilizing toshiba products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such toshiba products could cause loss of human life, bodily injury or damage to property. in developing your designs, please ensure that toshiba products are used within specified operating ranges as set forth in the most recent toshiba products specifications. also, please keep in mind the precautions and conditions set forth in the ?handling guide for semiconductor devices,? or ?toshiba semiconductor reliability handbook? etc.. ? the toshiba products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury (?unintended usage?). unintended usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. unintended usage of toshiba products listed in this document shall be made at the customer?s own risk. ? the information contained herein is presented only as a guide for the applications of our products. no responsibility is assumed by toshiba corporation for any infringements of intellectual property or other rights of the third parties which may result from its use. no license is granted by implication or otherwise under any intellectual property or other rights of toshiba corporation or others. ? the information contained herein is subject to change without notice. 000707ea a restrictions on product use


▲Up To Search▲   

 
Price & Availability of SSM3J01T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X